Part Number Hot Search : 
M62368GP A62L256 32PTC75 BUK72 ML22Q394 LM2903DG BD278 EPJ4019
Product Description
Full Text Search
 

To Download 2SC5003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Built-in Damper Diode
sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC5003 1500 800 6 7(Pulse14) 3.5 80(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
2SC5003
(Ta=25C) 2SC5003 100max 1max 1max 6min 8min 4 to 9 5max 1.5max 2.0max 4typ 100typ Unit A mA mA V Conditions VCB=1200V VCB=1500V VCE=800V IEB=300mA VCE=5V, IC=1A VCE=5V, IC=5A IC=5A, IB=1.2A IC=5A, IB=1.2A IEC=7A VCE=12V, IE=-0.5A VCB=10V, f=1MHz
0.80.2 15.60.2 23.00.3 9.50.2
Equivalent circuit
B
C
( 50 )
E
Silicon NPN Triple Diffused Planar Transistor (High Voltage Switchihg Transistor) sElectrical Characteristics
Symbol ICBO1 ICBO2 ICEO VEBO hFE1 hFE2 VCE(sat) VBE(sat) VFEC fT COB
Application : Display Horizontal Deflection Output, Switching Regulator and General Purpose External Dimensions FM100(TO3PF)
5.50.2 3.45 0.2 5.5 o3.30.2 1.6
V V V MHz pF
a b
16.2
1.75 2.15 1.05 +0.2 -0.1 5.450.1 5.450.1 4.4 1.5 0.65 +0.2 -0.1
3.3
0.8
sTypical Switching Characteristics (Common Emitter)
VCC (V) 200 RL () 50 IC (A) 4 VBB1 (V) 10 VBB2 (V) -5 IB1 (A) 0.8 IB2 (A) -1.6 tstg (s) 4.0max tf (s) 0.2max
3.35
1.5
B
C
E
Weight : Approx 6.5g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V) 7
1.7 A
VCE(sat)-IC Characteristics (Typical)
3 (I C: I B= 5 :1)
I C - V BE Temperature Characteristics (Typical)
7 (VCE=5V)
1. 4A
6
900 mA
6
Collector Current I C (A)
5
600 mA
2
Collector Current I C( A)
4
4
mp)
mp)
1
0
0
1
2
3
4
0
0.2
0.5
1
5
10
0
0
0.5
-30C
I B= 100mA
125C
2
2
25C (C
(Case
1
(Cas
ase Te
3
300mA
Temp)
e Te
1.0
3.0
1.5
Collector-Emitter Voltage V C E( V)
Collector Current I C( A)
Base-Emittor Voltage V B E( V)
h FE - IC Characteristics (Typical)
(VCE=5V) 50 20
tstg*t f - IC Characteristics (Typical)
j - a( C /W )
. VCC=200V . IC : IB1: -IB2 =5 :1: 2 tstg 3
j-a - t Characteristics
t st g*t f ( s)
10 5
DC Cur rent Gain h F E
12
5C
Transient Thermal Resistance
1
10
25
C
0C
Switching T im e
-3
1 0.5
tf
0.5
5
2 0.02
0.05
0.1
0.5
1
5
7
0.1 0.2
0.5
1
5
7
0.1
1
10
100 Time t(ms)
1000 2000
Collector Current I C( A)
Collector Current I C( A)
Safe Operating Area (Single Pulse)
20
100s
Reverse Bias Safe Operating Area
20 80
P c - T a Derating
10 Co lle ctor Cu rre nt I C( A) Co lle ctor Cu rre nt I C( A)
M aximu m Power Dissipa tion P C( W)
10 5
60
W ith In fin ite he
5
40
at si
1 Without Heatsink Natural Cooling L=3mH -IB2=1A Duty:less than 1%
nk
Without Heatsink Natural Cooling
0.5
20
1 100
500 Collector-Emi tter Voltage V C E( V)
1000
0.1 50
100
500
1000
2000
3.5 0
Without Heatsink 0 25 50 75 100 125 150
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
123


▲Up To Search▲   

 
Price & Availability of 2SC5003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X